PART |
Description |
Maker |
BUZ900P BUZ901P |
N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 160V. N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 200V. N-Channel Power MOSFET For Audio Application(N沟道功率型MOS场效应管(用于音频电路)) N?CHANNEL POWER MOSFET
|
Magnatec Seme LAB
|
SP8855 SP8855E |
2.8GHz Parallel Load Professional Synthesiser MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):10mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
KI4920DY |
Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
ST662 ST662A ST662AB ST662ABD ST662ABN ST662AC ST6 |
From old datasheet system DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:14A; On-Resistance, Rds(on):9mohm; Rds(on) Test
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ST26C32 ST26C32CF16 ST26C32CP16 ST26C32IF16 ST26C3 |
QUAD RS-422, RS-423 CMOS Differential Line Receiver LINE RECEIVER, PDSO16 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:13.4A; On-Resistance, Rds(on):0.0065ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:8-SOIC; Leaded Process Compatible:No
|
Exar, Corp. EXAR[Exar Corporation]
|
KI1400DL |
Drain-source voltage VDS 20 V Gate-source voltage VGS -12 V
|
TY Semiconductor Co., L...
|
KI1302DL |
Drain-source voltage VDS 30 V Gate-source voltage VGS -20 V
|
TY Semiconductor Co., Ltd
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|
ADM6711 ADM6711LAKS ADM6711MAKS ADM6711RAKS ADM671 |
XSTR, FET BS170TMOS SWITCHING PHOTO TRANSISTOR, NPN, SILICON; Channels, No. of:1; Output type:Transistor; Current, input:50mA; Voltage, output max:70V; Case style:3-TO-18; Mounting type:Through Hole RoHS Compliant: Yes 微处理器监控电路4引脚SC70 Microprocessor Supervisory Circuit in 4-Lead SC70 微处理器监控电路4引脚SC70 RES 1K-OHM 5% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA SENSOR, OPTICAL, TRANSISTOR O/P; RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:0.5A; On-Resistance, Rds(on):2mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-92; Drain-Source Breakdown Voltage:60V RoHS Compliant: No Microprocessor Supervisory Circuit in 4-Lead SC70, Active-Low Push-Pull Output Microprocessor Supervisory Circuit in 4-Lead SC70, Active-Low Open-Drain Output
|
Analog Devices, Inc. AD[Analog Devices]
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
KSS138 |
N-Channel SOT-23 Drain-to-source voltage VDSS 50 V
|
TY Semiconductor Co., Ltd
|